Part Number Hot Search : 
LA5540 18F26J53 KBPC101 CHDTA 2SD2704K CM8729 C3733 FSH10A09
Product Description
Full Text Search
 

To Download TB0720H-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tb0640h - tb3500h document number: ds30360 rev. 10 - 2 1 of 6 www.diodes.com may 2011 ? diodes incorporated tb0640h - tb3500h 100a bidirectional surface mount thyristor surge protective device features ? 100a peak pulse current @ 10/1000 s ? 400a peak pulse current @ 8/20 s ? 58 - 320v stand-off voltages ? oxide-glass passivated junction ? bidirectional protecti on in a single device ? high off-state impedance and low on-state voltage ? helps equipment meet gr-1089-core, iec 61000-4-5, fcc part 68, itu-t k.20/k.21, and ul497b ? ul listed under recognized component index, file number 156346 ? lead free finish/rohs compliant (note 1) ? green molding compound (no halogen and antimony) (note 2) mechanical data ? case: smb ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: lead free plating (mat te tin finish). solderable per mil-std-202, method 208 ? polarity: none; bidirectional devices have no polarity indicator ? weight: 0.093 grams (approximate) ordering information (note 3) part number case packaging tb0640h-13-f smb 3000/tape & reel TB0720H-13-F smb 3000/tape & reel tb0900h-13-f smb 3000/tape & reel tb1100h-13-f smb 3000/tape & reel tb1300h-13-f smb 3000/tape & reel tb1500h-13-f smb 3000/tape & reel tb1800h-13-f smb 3000/tape & reel tb2300h-13-f smb 3000/tape & reel tb2600h-13-f smb 3000/tape & reel tb3100h-13-f smb 3000/tape & reel tb3500h-13-f smb 3000/tape & reel notes: 1. eu directive 2002/95/ec (rohs). all applicable rohs exemptions applied, see eu directive 2002/95/ec annex notes . 2. product manufactured with data code 0924 (week 24, 2009) and newer are built with green molding compound. 3. for packaging details, go to our website at http://www.diodes.com. marking information ? green top view bottom view xxxxx = product type marking code (see table on page 2) = manufacturers? code marking yww = date code marking y = last digit of year (ex: 6 for 2006) ww = week code (01 to 53) yww xxxxx
tb0640h - tb3500h document number: ds30360 rev. 10 - 2 2 of 6 www.diodes.com may 2011 ? diodes incorporated tb0640h - tb3500h maximum ratings @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit non-repetitive peak impulse current @10/1000us i pp 100 a non-repetitive peak on-state current @8.3ms (one-half cycle) i tsm 50 a typical positive temperature coefficient for breakdown voltage vbr/ t j 0.1 %/c thermal characteristics characteristic symbol value unit thermal resistance, junction to lead r jl 20 c/w thermal resistance, junction to ambient r ja 100 c/w junction temperature range t j -40 to +150 c storage temperature range t stg -55 to +150 c maximum rated surge waveform waveform standard ipp (a) 2/10 s gr-1089-core 500 8/20 s iec 61000-4-5 400 10/160 s fcc part 68 250 10/700 s (note 4) itu-t, k.20/k.21 200 10/560 s fcc part 68 160 10/1000 s gr-1089-core 100 notes: 4. applied 6kv, 10/700 s waveform i , peak pulse current (%) pp peak value (i ) pp half value t = rise time to peak value t = decay time to half value r p t r t p
tb0640h - tb3500h document number: ds30360 rev. 10 - 2 3 of 6 www.diodes.com may 2011 ? diodes incorporated tb0640h - tb3500h electrical characteristics @t a = 25c unless otherwise specified part number maximum rated repetitive off-state voltage maximum off-state leakage current @ v drm maximum breakover voltage maximum on-state voltage @ i t = 1a breakover current i bo holding current i h typical off-state capacitance marking code v drm (v) i drm (ua) v bo (v) v t (v) min (ma) max (ma) min (ma) max (ma) c o (pf) tb0640h 58 5 77 3.5 50 800 150 800 200 t064h tb0720h 65 5 88 3.5 50 800 150 800 200 t072h tb0900h 75 5 98 3.5 50 800 150 800 200 t090h tb1100h 90 5 130 3.5 50 800 150 800 120 t110h tb1300h 120 5 160 3.5 50 800 150 800 120 t130h tb1500h 140 5 180 3.5 50 800 150 800 120 t150h tb1800h 160 5 220 3.5 50 800 150 800 120 t180h tb2300h 190 5 265 3.5 50 800 150 800 80 t230h tb2600h 220 5 300 3.5 50 800 150 800 80 t260h tb3100h 275 5 350 3.5 50 800 150 800 80 t310h tb3500h 320 5 400 3.5 50 800 150 800 80 t350h symbol parameter v drm stand-off voltage i drm leakage current at stand-off voltage v br breakdown voltage i br breakdown current v bo breakover voltage i bo breakover current i h holding current (note 5) v t on state voltage i pp peak pulse current c o off-state capacitance (note 6) notes: 5. i h > (v l /r l ) if this criterion is not obeyed, the tspd triggers but does not return correctly to high-resi stance state. the surge recovery time does not exceed 30ms. 6. off-state capacitance m easured at f = 1.0mhz, 1.0v rms signal, v r = 2v dc bias. i bo v br v drm v t v bo i h i v i br i drm i pp
tb0640h - tb3500h document number: ds30360 rev. 10 - 2 4 of 6 www.diodes.com may 2011 ? diodes incorporated tb0640h - tb3500h i , off-state current (ua) (drm) t , junction temperature (c) fig. 1 off-state current vs. junction temperature j 0.001 0.01 1 0.1 10 100 -25 0 25 50 75 100 125 150 v = 50v drm 0.9 t , junction temperature (c) fig. 2 relative variation of breakdown voltage vs. junction temperature j 0.95 1 1.05 1.1 1.15 1.2 -50 -25 0 25 50 75 100 125 150 175 n o r malized b r eakd o w n v o l t a g e 1 1.05 0.95 -50 n o r malized b r eakd o wn v o l t a g e 1.1 -25 0 75 50 25 125 100 175 150 t , junction temperature fig. 3 relative variation of breakover voltage vs. junction temperature j (oc) 1 10 100 1 1.5 32.5 2 4 3.5 5 4.5 i, o n-s t a t e c u r r en t (a) t v , on-state voltage (v) fig. 4 on-state current vs. on-state voltage t 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.4 1.3 1.2 -50 -25 0 25 50 10075 125 n o r malized h o ldin g c u r r en t t , junction temperature (c) j fig. 5 relative variation of holding current vs. junction temperature 0.1 1 11 01 0 0 n o r malized c a p a c i t a n c e v , reverse voltage (v) fig. 6 relative variation of junction capacitance vs. reverse voltage bias r
tb0640h - tb3500h document number: ds30360 rev. 10 - 2 5 of 6 www.diodes.com may 2011 ? diodes incorporated tb0640h - tb3500h package outline dimensions suggested pad layout smb dim min max a 3.30 3.94 b 4.06 4.57 c 1.96 2.21 d 0.15 0.31 e 5.00 5.59 g 0.05 0.20 h 0.76 1.52 j 2.00 2.50 all dimensions in mm dimensions value (in mm) z 6.8 g 1.8 x 2.3 y 2.5 c 4.3 a b c d g h e j z x c g y
tb0640h - tb3500h document number: ds30360 rev. 10 - 2 6 of 6 www.diodes.com may 2011 ? diodes incorporated tb0640h - tb3500h important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated a nd all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2011, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of TB0720H-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X